PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
1SMA43CAT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
P4SMAJ8.0 P4SMAJ8.0A P4SMAJ7.0 P4SMAJ110 P4SMAJ190 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
Pan Jit International Inc. Pan Jit International I...
|
SDA188DECAUF SDA188DECAUFS SDA188DECAUFTX SDA188DE |
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts 50 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid States Devices, Inc http:// SOLID STATE DEVICES INC Solid States Devices, I...
|
1SMA10CAT306 1SMA78CAT3G 1SMA10CAT3 1SMA10CAT3G 1S |
Plastic Surface Mount Bidirectional Zener Overvoltage Transienc Suppressor(塑料表贴封装,峰值功00W,变位电压24V,双向齐纳瞬变电压抑制 400 W, BIDIRECTIONAL, SILICON, TVS DIODE 400 Watt Peak Power Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
P4KE250 P4KE11 P4KE20 P4KE27 P4KE33 P4KE180 P4KE35 |
TRANSIENT VOLTAGE SUPPRESSOR 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41 Replaced by DAC811 : Monolithic 12-Bit Digital-to-Analog Converters 24-CDIP SB 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
BZW04P15B/51 BZW404-136 W0478B |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
GENERAL SEMICONDUCTOR INC
|
TGL41-33CTGL41 TGL41-39ATGL41 TGL41-56ATGL41 TGL41 |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
SEMIKRON INTERNATIONAL
|
BZW04-299 BZW04-273 BZW04-58 BZW04-342 BZW04-26 BZ |
Unidirectional and bidirectional Transient Voltage Suppressor diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
SEMIKRON INTERNATIONAL
|
BA158 BA159 BA157 |
Fast Silicon Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
|